Part Number Hot Search : 
BGU700 RF740 ICM108B ANTX2N6 74ALVC 2N5881 2STA1962 FU20TM5
Product Description
Full Text Search
 

To Download CJD295510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CJD2955 PNP CJD3055 NPN SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR CJD2955, CJD3055 types are Complementary Silicon Power Transistors manufactured by the epitaxial base process, mounted in a surface mount package designed for high current amplifier and switching applications. MARKING: FULL PART NUMBER
DPAK TRANSISTOR CASE
MAXIMUM RATINGS: (TC=25C unless otherwise noted) Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Continuous Base Current Power Dissipation Power Dissipation (TA=25C) Operating and Storage Junction Temperature Thermal Resistance Thermal Resistance SYMBOL VCBO VCEO VEBO IC IB PD PD TJ, Tstg JC JA 70 60 5.0 10 6.0 20 1.75 -65 to +150 6.25 71.4 UNITS V V V A A W W C C/W C/W
ELECTRICAL CHARACTERISTICS: (TC=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN ICEO ICEV ICEV ICBO ICBO IEBO BVCEO VCE(SAT) VCE(SAT) VBE(ON) hFE hFE fT VCE=30V VCE=70V, VBE(off)=1.5V VCE=70V, VBE(off)=1.5V, TC=150C VCB=70V VCB=70V, TC=150C VEB=5.0V IC=30mA IC=4.0A, IB=400mA IC=10A, IB=3.3A VCE=4.0V, IC=4.0A VCE=4.0V, IC=4.0A VCE=4.0V, IC=10A VCE=10V, IC=500mA, f=1.0MHz 20 5.0 2.0 60
MAX 50 20 2.0 20 2.0 500 1.1 8.0 1.8 100
UNITS A A mA A mA A V V V V
MHz
R3 (4-January 2010)
CJD2955 PNP CJD3055 NPN SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
DPAK TRANSISTOR CASE - MECHANICAL OUTLINE
LEAD CODE: B) BASE C) COLLECTOR E) EMITTER C) COLLECTOR MARKING: FULL PART NUMBER
R3 (4-January 2010)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of CJD295510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X